Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 112Page - Renesas Technology Corp H8/3024F Datasheet HTML 113Page - Renesas Technology Corp H8/3024F Datasheet HTML 114Page - Renesas Technology Corp H8/3024F Datasheet HTML 115Page - Renesas Technology Corp H8/3024F Datasheet HTML 116Page - Renesas Technology Corp H8/3024F Datasheet HTML 117Page - Renesas Technology Corp H8/3024F Datasheet HTML 118Page - Renesas Technology Corp H8/3024F Datasheet HTML 119Page - Renesas Technology Corp H8/3024F Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 841 page
background image
Section 4 Exception Handling
Rev. 2.00 Sep 20, 2005 page 78 of 800
REJ09B0260-0200
The on-chip supporting modules that can request interrupts are the watchdog timer (WDT), 16-bit
timer, 8-bit timer, serial communication interface (SCI), and A/D converter. Each interrupt source
has a separate vector address.
NMI is the highest-priority interrupt and is always accepted*. Interrupts are controlled by the
interrupt controller. The interrupt controller can assign interrupts other than NMI to two priority
levels, and arbitrate between simultaneous interrupts. Interrupt priorities are assigned in interrupt
priority registers A and B (IPRA and IPRB) in the interrupt controller.
For details on interrupts see section 5, Interrupt Controller.
Interrupts
External interrupts
Internal interrupts
NMI (1)
IRQ to IRQ (6)
WDT* (1)
16-bit timer (9)
8-bit timer (8)
SCI (8)
A/D converter (1)
Note:
Numbers in parentheses are the number of interrupt sources.
* When the watchdog timer is used as an interval timer, it generates an interrupt
request at every counter overflow.
0
5
Figure 4.5 Interrupt Sources and Number of Interrupts
Note: * In the versions with on-chip flash memory, NMI input is sometimes disabled. For details
see 17.9, NMI Input Disabling Conditions.
4.4
Trap Instruction
Trap instruction exception handling starts when a TRAPA instruction is executed. If the UE bit is
set to 1 in the system control register (SYSCR), the exception handling sequence sets the I bit to 1
in CCR. If the UE bit is 0, the I and UI bits are both set to 1 in CCR. The TRAPA instruction
fetches a start address from a vector table entry corresponding to a vector number from 0 to 3,
which is specified in the instruction code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com