Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 126Page - Renesas Technology Corp H8/3024F Datasheet HTML 127Page - Renesas Technology Corp H8/3024F Datasheet HTML 128Page - Renesas Technology Corp H8/3024F Datasheet HTML 129Page - Renesas Technology Corp H8/3024F Datasheet HTML 130Page - Renesas Technology Corp H8/3024F Datasheet HTML 131Page - Renesas Technology Corp H8/3024F Datasheet HTML 132Page - Renesas Technology Corp H8/3024F Datasheet HTML 133Page - Renesas Technology Corp H8/3024F Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 841 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Sep 20, 2005 page 92 of 800
REJ09B0260-0200
5.2.3
IRQ Status Register (ISR)
ISR is an 8-bit readable/writable register that indicates the status of IRQ0 to IRQ5 interrupt
requests.
Bit
Initial value
Read/Write
7
—
0
—
These bits indicate IRQ to IRQ flag
interrupt request status
Note: * Only 0 can be written, to clear flags.
6
—
0
—
5
IRQ5F
0
R/(W)*
4
IRQ4F
0
R/(W)*
3
IRQ3F
0
R/(W)*
2
IRQ2F
0
R/(W)*
1
IRQ1F
0
R/(W)*
0
IRQ0F
0
R/(W)*
50
IRQ to IRQ flags
50
Reserved bits
ISR is initialized to H'00 by a reset and in hardware standby mode.
Bits 7 and 6—Reserved: These bits can not be modified and are always read as 0.
Bits 5 to 0—IRQ5 to IRQ0 Flags (IRQ5F to IRQ0F): These bits indicate the status of IRQ5 to
IRQ0 interrupt requests.
Bits 5 to 0
IRQ5F to IRQ0F Description
0
[Clearing conditions]
(Initial value)
0 is written in IRQnF after reading the IRQnF flag when IRQnF = 1.
IRQnSC = 0,
IRQn input is high, and interrupt exception handling is carried out.
IRQnSC = 1 and IRQn interrupt exception handling is carried out.
1
[Setting conditions]
IRQnSC = 0 and
IRQn input is low.
IRQnSC = 1 and
IRQn input changes from high to low.
Note: n = 5 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com