Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 129Page - Renesas Technology Corp H8/3024F Datasheet HTML 130Page - Renesas Technology Corp H8/3024F Datasheet HTML 131Page - Renesas Technology Corp H8/3024F Datasheet HTML 132Page - Renesas Technology Corp H8/3024F Datasheet HTML 133Page - Renesas Technology Corp H8/3024F Datasheet HTML 134Page - Renesas Technology Corp H8/3024F Datasheet HTML 135Page - Renesas Technology Corp H8/3024F Datasheet HTML 136Page - Renesas Technology Corp H8/3024F Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 841 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Sep 20, 2005 page 95 of 800
REJ09B0260-0200
5.3
Interrupt Sources
The interrupt sources include external interrupts (NMI, IRQ0 to IRQ5) and 27 internal interrupts.
5.3.1
External Interrupts
There are seven external interrupts: NMI, and IRQ0 to IRQ5. Of these, NMI, IRQ0, IRQ1, and
IRQ2 can be used to exit software standby mode.
NMI: NMI is the highest-priority interrupt and is always accepted, regardless of the states of the
I and UI bits in CCR*. The NMIEG bit in SYSCR selects whether an interrupt is requested by the
rising or falling edge of the input at the NMI pin. NMI interrupt exception handling has vector
number 7.
Note: * In the versions with on-chip flash memory, NMI input is sometimes disabled. For details
see 17.9, NMI Input Disabling Conditions.
IRQ0 to IRQ5 Interrupts: These interrupts are requested by input signals at pins
IRQ
0 to
IRQ
5.
The IRQ0 to IRQ5 interrupts have the following features.
• ISCR settings can select whether an interrupt is requested by the low level of the input at pins
IRQ
0 to
IRQ
5, or by the falling edge.
• IER settings can enable or disable the IRQ
0 to IRQ5 interrupts. Interrupt priority levels can be
assigned by four bits in IPRA (IPRA7 to IPRA4).
• The status of IRQ
0 to IRQ5 interrupt requests is indicated in ISR. The ISR flags can be cleared
to 0 by software.
Figure 5.2 shows a block diagram of interrupts IRQ0 to IRQ5.
input
Edge/level
sense circuit
IRQnSC
IRQnF
S
R
Q
IRQnE
IRQn interrupt
request
Clear signal
IRQn
Note: n = 5 to 0
Figure 5.2 Block Diagram of Interrupts IRQ0 to IRQ5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com