Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 132Page - Renesas Technology Corp H8/3024F Datasheet HTML 133Page - Renesas Technology Corp H8/3024F Datasheet HTML 134Page - Renesas Technology Corp H8/3024F Datasheet HTML 135Page - Renesas Technology Corp H8/3024F Datasheet HTML 136Page - Renesas Technology Corp H8/3024F Datasheet HTML 137Page - Renesas Technology Corp H8/3024F Datasheet HTML 138Page - Renesas Technology Corp H8/3024F Datasheet HTML 139Page - Renesas Technology Corp H8/3024F Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 841 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Sep 20, 2005 page 98 of 800
REJ09B0260-0200
Vector
Vector Address*
Interrupt Source
Origin
Number Advanced Mode
Normal Mode
IPR
Priority
IMIA2
(compare match/
input capture A2)
IMIB2
(compare match/
input capture B2)
OVI2 (overflow 2)
16-bit timer
channel 2
32
33
34
H'0080 to H'0083
H'0084 to H'0087
H'0088 to H'008B
H'0040 to H'0041
H'0042 to H'0043
H'0044 to H'0045
IPRA0
High
Reserved
—
35
H'008C to H'008F H'0046 to H'0047
CMIA0
(compare match
A0)
CMIB0
(compare match
B0)
CMIA1/CMIB1
(compare match
A1/B1)
TOVI0/TOVI1
(overflow 0/1)
8-bit timer
channel 0/1
36
37
38
39
H'0090 to H'0093
H'0094 to H'0097
H'0098 to H'009B
H'009C to H'009F
H'0048 to H'0049
H'004A to H'004B
H'004C to H'004D
H'004E to H'004F
IPRB7
CMIA2
(compare match
A2)
CMIB2
(compare match
B2)
CMIA3/CMIB3
(compare match
A3/B3)
TOVI2/TOVI3
(overflow 2/3)
8-bit timer
channel 2/3
40
41
42
43
H'00A0 to H'00A3
H'00A4 to H'00A7
H'00A8 to H'00AB
H'00AC to H'00AF
H'0050 to H'0051
H'0052 to H'0053
H'0054 to H'0055
H'0056 to H'0057
IPRB6
Reserved
—
44
45
46
47
H'00B0 to H'00B3
H'00B4 to H'00B7
H'00B8 to H'00BB
H'00BC to H'00BF
H'0058 to H'0059
H'005A to H'005B
H'005C to H'005D
H'005E to H'005F
—
48
49
50
51
H'00C0 to H'00C3
H'00C4 to H'00C7
H'00C8 to H'00CB
H'00CC to H'00CF
H'0060 to H'0061
H'0062 to H'0063
H'0064 to H'0065
H'0066 to H'0067
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com