Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 133Page - Renesas Technology Corp H8/3024F Datasheet HTML 134Page - Renesas Technology Corp H8/3024F Datasheet HTML 135Page - Renesas Technology Corp H8/3024F Datasheet HTML 136Page - Renesas Technology Corp H8/3024F Datasheet HTML 137Page - Renesas Technology Corp H8/3024F Datasheet HTML 138Page - Renesas Technology Corp H8/3024F Datasheet HTML 139Page - Renesas Technology Corp H8/3024F Datasheet HTML 140Page - Renesas Technology Corp H8/3024F Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 841 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Sep 20, 2005 page 99 of 800
REJ09B0260-0200
Vector
Vector Address*
Interrupt Source
Origin
Number Advanced Mode
Normal Mode
IPR
Priority
ERI0
(receive error 0)
RXI0 (receive
data full 0)
TXI0 (transmit
data empty 0)
TEI0
(transmit end 0)
SCI
channel 0
52
53
54
55
H'00D0 to H'00D3
H'00D4 to H'00D7
H'00D8 to H'00DB
H'00DC to H'00DF
H'0068 to H'0069
H'006A to H'006B
H'006C to H'006D
H'006E to H'006F
IPRB3
High
ERI1
(receive error 1)
RXI1 (receive
data full 1)
TXI1 (transmit
data empty 1)
TEI1 (transmit
end 1)
SCI
channel 1
56
57
58
59
H'00E0 to H'00E3
H'00E4 to H'00E7
H'00E8 to H'00EB
H'00EC to H'00EF
H'0070 to H'0071
H'0072 to H'0073
H'0074 to H'0075
H'0076 to H'0077
IPRB2
Reserved
—
60
61
62
63
H'00F0 to H'00F3
H'00F4 to H'00F7
H'00F8 to H'00FB
H'00FC to H'00FF
H'0078 to H'0079
H'007A to H'007B
H'007C to H'007D
H'007E to H'007F
—
Low
Note: * Lower 16 bits of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com