Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 137Page - Renesas Technology Corp H8/3024F Datasheet HTML 138Page - Renesas Technology Corp H8/3024F Datasheet HTML 139Page - Renesas Technology Corp H8/3024F Datasheet HTML 140Page - Renesas Technology Corp H8/3024F Datasheet HTML 141Page - Renesas Technology Corp H8/3024F Datasheet HTML 142Page - Renesas Technology Corp H8/3024F Datasheet HTML 143Page - Renesas Technology Corp H8/3024F Datasheet HTML 144Page - Renesas Technology Corp H8/3024F Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 841 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Sep 20, 2005 page 103 of 800
REJ09B0260-0200
All interrupts are
unmasked
Only NMI, IRQ , and
IRQ are unmasked
Exception handling,
or I
1, UI
1
a.
b.
2
3
All interrupts are
masked except NMI
c.
UI
0
I
0
Exception handling,
or UI
1
I
0
I
1, UI
0
←←
←
←
←
←
←←
Figure 5.5 Interrupt Masking State Transitions (Example)
Figure 5.6 is a flowchart showing how interrupts are accepted when UE = 0.
• If an interrupt condition occurs and the corresponding interrupt enable bit is set to 1, an
interrupt request is sent to the interrupt controller.
• When the interrupt controller receives one or more interrupt requests, it selects the highest-
priority request, following the IPR interrupt priority settings, and holds other requests pending.
If two or more interrupts with the same IPR setting are requested simultaneously, the interrupt
controller follows the priority order shown in table 5.3.
• The interrupt controller checks the I bit. If the I bit is cleared to 0, the selected interrupt request
is accepted regardless of its IPR setting, and regardless of the UI bit. If the I bit is set to 1 and
the UI bit is cleared to 0, only interrupts with priority level 1 are accepted; interrupt requests
with priority level 0 are held pending. If the I bit and UI bit are both set to 1, all other interrupt
requests are held pending.
• When an interrupt request is accepted, interrupt exception handling starts after execution of the
current instruction has been completed.
• In interrupt exception handling, PC and CCR are saved to the stack area. The PC value that is
saved indicates the address of the first instruction that will be executed after the return from the
interrupt service routine.
• The I and UI bits are set to 1 in CCR, masking all interrupts except NMI.
• The vector address of the accepted interrupt is generated, and the interrupt service routine
starts executing from the address indicated by the contents of the vector address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com