Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 140Page - Renesas Technology Corp H8/3024F Datasheet HTML 141Page - Renesas Technology Corp H8/3024F Datasheet HTML 142Page - Renesas Technology Corp H8/3024F Datasheet HTML 143Page - Renesas Technology Corp H8/3024F Datasheet HTML 144Page - Renesas Technology Corp H8/3024F Datasheet HTML 145Page - Renesas Technology Corp H8/3024F Datasheet HTML 146Page - Renesas Technology Corp H8/3024F Datasheet HTML 147Page - Renesas Technology Corp H8/3024F Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 841 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Sep 20, 2005 page 106 of 800
REJ09B0260-0200
5.4.3
Interrupt Response Time
Table 5.5 indicates the interrupt response time from the occurrence of an interrupt request until the
first instruction of the interrupt service routine is executed.
Table 5.5
Interrupt Response Time
External Memory
8-Bit Bus
16-Bit Bus
No.
Item
On-Chip
Memory
2 States
3 States
2 States
3 States
1
Interrupt priority
decision
2*
1
2*
1
2*
1
2*
1
2*
1
2
Maximum number
of states until end of
current instruction
1 to 23
1 to 27
1 to 31*
4
1 to 23
1 to 25*
4
3
Saving PC and CCR
to stack
48
12*
4
46*
4
4
Vector fetch
4
8
12*
4
46*
4
5
Instruction fetch*
2
48
12*
4
46*
4
6
Internal processing*
3
44
4
4
4
Total
19 to 41
31 to 57
43 to 73
19 to 41
25 to 49
Notes: 1. 1 state for internal interrupts.
2. Prefetch after the interrupt is accepted and prefetch of the first instruction in the
interrupt service routine.
3. Internal processing after the interrupt is accepted and internal processing after vector
fetch.
4. The number of states increases if wait states are inserted in external memory access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com