Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 141Page - Renesas Technology Corp H8/3024F Datasheet HTML 142Page - Renesas Technology Corp H8/3024F Datasheet HTML 143Page - Renesas Technology Corp H8/3024F Datasheet HTML 144Page - Renesas Technology Corp H8/3024F Datasheet HTML 145Page - Renesas Technology Corp H8/3024F Datasheet HTML 146Page - Renesas Technology Corp H8/3024F Datasheet HTML 147Page - Renesas Technology Corp H8/3024F Datasheet HTML 148Page - Renesas Technology Corp H8/3024F Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 841 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Sep 20, 2005 page 107 of 800
REJ09B0260-0200
5.5
Usage Notes
5.5.1
Contention between Interrupt and Interrupt-Disabling Instruction
When an instruction clears an interrupt enable bit to 0 to disable the interrupt, the interrupt is not
disabled until after execution of the instruction is completed. If an interrupt occurs while a BCLR,
MOV, or other instruction is being executed to clear its interrupt enable bit to 0, at the instant
when execution of the instruction ends the interrupt is still enabled, so its interrupt exception
handling is carried out. If a higher-priority interrupt is also requested, however, interrupt exception
handling for the higher-priority interrupt is carried out, and the lower-priority interrupt is ignored.
This also applies to the clearing of an interrupt flag to 0.
Figure 5.8 shows an example in which an IMIEA bit is cleared to 0 in the 16-bit timer’s TISRA
register.
IMIA exception handling
TISRA write cycle by CPU
φ
TISRA address
Internal
address bus
Internal
write signal
IMIEA
IMIA
IMFA interrupt
signal
Figure 5.8 Contention between Interrupt and Interrupt-Disabling Instruction
This type of contention will not occur if the interrupt is masked when the interrupt enable bit or
flag is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com