Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 143Page - Renesas Technology Corp H8/3024F Datasheet HTML 144Page - Renesas Technology Corp H8/3024F Datasheet HTML 145Page - Renesas Technology Corp H8/3024F Datasheet HTML 146Page - Renesas Technology Corp H8/3024F Datasheet HTML 147Page - Renesas Technology Corp H8/3024F Datasheet HTML 148Page - Renesas Technology Corp H8/3024F Datasheet HTML 149Page - Renesas Technology Corp H8/3024F Datasheet HTML 150Page - Renesas Technology Corp H8/3024F Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 841 page
background image
Section 6 Bus Controller
Rev. 2.00 Sep 20, 2005 page 109 of 800
REJ09B0260-0200
Section 6 Bus Controller
6.1
Overview
The H8/3024 Group has an on-chip bus controller (BSC) that manages the external address space
divided into eight areas. The bus specifications, such as bus width and number of access states,
can be set independently for each area, enabling multiple memories to be connected easily.
The bus controller also has a bus arbitration function that controls the operation of the internal bus
masters—the CPU can release the bus to an external device.
6.1.1
Features
The features of the bus controller are listed below.
• Manages external address space in area units
 Manages the external space as eight areas (0 to 7) of 128 kbytes in 1M-byte modes, or 2
Mbytes in 16-Mbyte modes
 Bus specifications can be set independently for each area
• Basic bus interface
 Chip select (CS
0 to
CS
7) can be output for areas 0 to 7
 8-bit access or 16-bit access can be selected for each area
 Two-state access or three-state access can be selected for each area
 Program wait states can be inserted for each area
 Pin wait insertion capability is provided
• Idle cycle insertion
 An idle cycle can be inserted in case of an external read cycle between different areas
 An idle cycle can be inserted when an external read cycle is immediately followed by an
external write cycle
• Bus arbitration function
 A built-in bus arbiter grants the bus right to the CPU, or an external bus master
• Other features
 Choice of two address update modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com