Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 167Page - Renesas Technology Corp H8/3024F Datasheet HTML 168Page - Renesas Technology Corp H8/3024F Datasheet HTML 169Page - Renesas Technology Corp H8/3024F Datasheet HTML 170Page - Renesas Technology Corp H8/3024F Datasheet HTML 171Page - Renesas Technology Corp H8/3024F Datasheet HTML 172Page - Renesas Technology Corp H8/3024F Datasheet HTML 173Page - Renesas Technology Corp H8/3024F Datasheet HTML 174Page - Renesas Technology Corp H8/3024F Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 841 page
background image
Section 6 Bus Controller
Rev. 2.00 Sep 20, 2005 page 133 of 800
REJ09B0260-0200
Table 6.4
Data Buses Used and Valid Strobes
Area
Access
Size
Read/
Write
Address
Valid
Strobe
Upper Data Bus
(D15 to D8)
Lower Data Bus
(D7 to D0)
8-bit access
Byte
Read
—
RD
Valid
Invalid
area
Write
—
HWR
Undetermined data
16-bit access
Byte
Read
Even
RD
Valid
Invalid
area
Odd
Invalid
Valid
Write
Even
HWR
Valid
Undetermined data
Odd
LWR
Undetermined data
Valid
Word
Read
—
RD
Valid
Valid
Write
—
HWR,
LWR
Valid
Valid
Notes: 1. Undetermined data means that unpredictable data is output.
2. Invalid means that the bus is in the input state and the input is ignored.
6.4.4
Memory Areas
The initial state of each area is basic bus interface, three-state access space. The initial bus width
is selected according to the operating mode.
Area 0: Area 0 includes on-chip ROM, and in ROM-disabled expansion mode, all of area 0 is
external space. In ROM-enabled expansion mode, the space excluding on-chip ROM is external
space.
When area 0 external space is accessed, the
CS
0 signal can be output.
The size of area 0 is 128 kbytes in modes 1 and 2, and 2 Mbytes in modes 3 to 5.
Areas 1 to 6: In external expansion mode, areas 1 to 6 are entirely external space.
When area 1 to 6 external space is accessed, the
CS
1 to
CS
6 pin signals respectively can be output.
The size of areas 1 to 6 is 128 kbytes in modes 1 and 2, and 2 Mbytes in modes 3 to 5.
Area 7: Area 7 includes the on-chip RAM and registers. In external expansion mode, the space
excluding the on-chip RAM and registers is external space. The on-chip RAM is enabled when
the RAME bit in the system control register (SYSCR) is set to 1; when the RAME bit is cleared to
0, the on-chip RAM is disabled and the corresponding space becomes external space .
When area 7 external space is accessed, the
CS
7 signal can be output.
The size of area 7 is 128 kbytes in modes 1 and 2, and 2 Mbytes in modes 3 to 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com