Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 163Page - Renesas Technology Corp H8/3024F Datasheet HTML 164Page - Renesas Technology Corp H8/3024F Datasheet HTML 165Page - Renesas Technology Corp H8/3024F Datasheet HTML 166Page - Renesas Technology Corp H8/3024F Datasheet HTML 167Page - Renesas Technology Corp H8/3024F Datasheet HTML 168Page - Renesas Technology Corp H8/3024F Datasheet HTML 169Page - Renesas Technology Corp H8/3024F Datasheet HTML 170Page - Renesas Technology Corp H8/3024F Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 841 page
background image
Section 6 Bus Controller
Rev. 2.00 Sep 20, 2005 page 129 of 800
REJ09B0260-0200
6.3.4
Chip Select Signals
For each of areas 0 to 7, the H8/3024 Group can output a chip select signal (
CS
0 to
CS
7) that goes
low when the corresponding area is selected in expanded mode. Figure 6.4 shows the output
timing of a
CSn signal.
Output of
CS
0 to
CS
3: Output of
CS
0 to
CS
3 is enabled or disabled in the data direction register
(DDR) of the corresponding port.
In the expanded modes with on-chip ROM disabled, a reset leaves pin
CS
0 in the output state and
pins
CS
1 to
CS
3 in the input state. To output chip select signals
CS
1 to
CS
3, the corresponding
DDR bits must be set to 1. In the expanded modes with on-chip ROM enabled, a reset leaves pins
CS
0 to
CS
3 in the input state. To output chip select signals
CS
0 to
CS
3, the corresponding DDR
bits must be set to 1. For details, see section 7, I/O Ports.
Output of
CS
4 to
CS
7: Output of
CS
4 to
CS
7 is enabled or disabled in the chip select control
register (CSCR). A reset leaves pins
CS
4 to
CS
7 in the input state. To output chip select signals
CS
4 to
CS
7, the corresponding CSCR bits must be set to 1. For details, see section 7, I/O Ports.
φ
Address bus
External address in area n
CSn
Figure 6.4
CSn Signal Output Timing (n = 0 to 7)
When the on-chip ROM, on-chip RAM, and internal I/O registers are accessed,
CS
0 to
CS
7 remain
high. The
CS
n signals are decoded from the address signals. They can be used as chip select
signals for SRAM and other devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com