Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 161Page - Renesas Technology Corp H8/3024F Datasheet HTML 162Page - Renesas Technology Corp H8/3024F Datasheet HTML 163Page - Renesas Technology Corp H8/3024F Datasheet HTML 164Page - Renesas Technology Corp H8/3024F Datasheet HTML 165Page - Renesas Technology Corp H8/3024F Datasheet HTML 166Page - Renesas Technology Corp H8/3024F Datasheet HTML 167Page - Renesas Technology Corp H8/3024F Datasheet HTML 168Page - Renesas Technology Corp H8/3024F Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 841 page
background image
Section 6 Bus Controller
Rev. 2.00 Sep 20, 2005 page 127 of 800
REJ09B0260-0200
6.3.2
Bus Specifications
The external space bus specifications consist of three elements: bus width, number of access
states, and number of program wait states.
The bus width and number of access states for on-chip memory and registers are fixed, and are not
affected by the bus controller.
Bus Width: A bus width of 8 or 16 bits can be selected with ABWCR. An area for which an 8-bit
bus is selected functions as an 8-bit access space, and an area for which a 16-bit bus is selected
functions as a16-bit access space.
If all areas are designated for 8-bit access, 8-bit bus mode is set; if any area is designated for 16-
bit access, 16-bit bus mode is set.
Number of Access States: Two or three access states can be selected with ASTCR. An area for
which two-state access is selected functions as a two-state access space, and an area for which
three-state access is selected functions as a three-state access space.
When two-state access space is designated, wait insertion is disabled.
Number of Program Wait States: When three-state access space is designated in ASTCR, the
number of program wait states to be inserted automatically is selected with WCRH and WCRL.
From 0 to 3 program wait states can be selected.
Table 6.3 shows the bus specifications for each basic bus interface area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com