Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 157Page - Renesas Technology Corp H8/3024F Datasheet HTML 158Page - Renesas Technology Corp H8/3024F Datasheet HTML 159Page - Renesas Technology Corp H8/3024F Datasheet HTML 160Page - Renesas Technology Corp H8/3024F Datasheet HTML 161Page - Renesas Technology Corp H8/3024F Datasheet HTML 162Page - Renesas Technology Corp H8/3024F Datasheet HTML 163Page - Renesas Technology Corp H8/3024F Datasheet HTML 164Page - Renesas Technology Corp H8/3024F Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 841 page
background image
Section 6 Bus Controller
Rev. 2.00 Sep 20, 2005 page 123 of 800
REJ09B0260-0200
6.2.7
Address Control Register (ADRCR)
ADRCR is an 8-bit readable/writable register that selects either address update mode 1 or address
update mode 2 as the address output method.
———
ADRCTL
1
Initial value
1
1
1
1
1
1
1
Read/Write
———
R/W
———
—
76543210
Reserved bits
————
Address control
Selects address
update mode 1 or
address update
mode 2
Bit
ADRCR is initialized to H'FF by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bits 7 to 1—Reserved: Read-only bits, always read as 1.
Bit 0—Address Control (ADRCTL): Selects the address output method.
Bit 0
ADRCTL
Description
0
Address update mode 2 is selected
1
Address update mode 1 is selected
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com