Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 153Page - Renesas Technology Corp H8/3024F Datasheet HTML 154Page - Renesas Technology Corp H8/3024F Datasheet HTML 155Page - Renesas Technology Corp H8/3024F Datasheet HTML 156Page - Renesas Technology Corp H8/3024F Datasheet HTML 157Page - Renesas Technology Corp H8/3024F Datasheet HTML 158Page - Renesas Technology Corp H8/3024F Datasheet HTML 159Page - Renesas Technology Corp H8/3024F Datasheet HTML 160Page - Renesas Technology Corp H8/3024F Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 841 page
background image
Section 6 Bus Controller
Rev. 2.00 Sep 20, 2005 page 119 of 800
REJ09B0260-0200
Bit 6—Address 22 Enable (A22E): Enables PA5 to be used as the A22 address output pin.
Writing 0 in this bit enables A22 output from PA5. In modes other than 3, 4, and 5, this bit cannot
be modified and PA5 has its ordinary port functions.
Bit 6
A22E
Description
0PA5 is the A22 address output pin
1PA5 is an input/output pin
(Initial value)
Bit 5—Address 21 Enable (A21E): Enables PA6 to be used as the A21 address output pin.
Writing 0 in this bit enables A21 output from PA6. In modes other than 3, 4, and 5, this bit cannot
be modified and PA6 has its ordinary port functions.
Bit 5
A21E
Description
0PA6 is the A21 address output pin
1PA6 is an input/output pin
(Initial value)
Bit 4—Address 20 Enable (A20E): Enables PA7 to be used as the A20 address output pin.
Writing 0 in this bit enables A20 output from PA7. This bit can only be modified in mode 5.
Bit 4
A20E
Description
0PA7 is the A20 address output pin (Initial value when in mode 3 or 4)
1PA7 is an input/output pin (Initial value when in mode 1, 2, 5, 6 or 7)
Bits 3 to 1—Reserved: These bits cannot be modified and are always read as 1.
Bit 0—Bus Release Enable (BRLE): Enables or disables release of the bus to an external device.
Bit 0
BRLE
Description
0
The bus cannot be released to an external device
BREQ and BACK can be used as input/output pins
(Initial value)
1
The bus can be released to an external device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com