Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 152Page - Renesas Technology Corp H8/3024F Datasheet HTML 153Page - Renesas Technology Corp H8/3024F Datasheet HTML 154Page - Renesas Technology Corp H8/3024F Datasheet HTML 155Page - Renesas Technology Corp H8/3024F Datasheet HTML 156Page - Renesas Technology Corp H8/3024F Datasheet HTML 157Page - Renesas Technology Corp H8/3024F Datasheet HTML 158Page - Renesas Technology Corp H8/3024F Datasheet HTML 159Page - Renesas Technology Corp H8/3024F Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 841 page
background image
Section 6 Bus Controller
Rev. 2.00 Sep 20, 2005 page 118 of 800
REJ09B0260-0200
6.2.4
Bus Release Control Register (BRCR)
BRCR is an 8-bit readable/writable register that enables address output on bus lines A23 to A20 and
enables or disables release of the bus to an external device.
7
A23E
1
—
1
R/W
1
R/W
Address 23 to 20 enable
These bits enable PA7 to PA4 to be
used for A23 to A20 address output
6
A22E
1
—
1
R/W
1
R/W
5
A21E
1
—
1
R/W
1
R/W
4
A20E
1
—
0
—
1
R/W
3
—
1
—
1
—
1
—
2
—
1
—
1
—
1
—
1
—
1
—
1
—
1
—
0
BRLE
0
R/W
0
R/W
0
R/W
Bit
Modes
1, 2, 6,
and 7
Initial value
Read/Write
Initial value
Read/Write
Initial value
Read/Write
Modes
3 and 4
Mode 5
Reserved bits
Bus release enable
Enables or disables release
of the bus to an external device
BRCR is initialized to H'FE in modes 1, 2, 5, 6, and 7, and to H'EE in modes 3 and 4, by a reset
and in hardware standby mode. It is not initialized in software standby mode.
Bit 7—Address 23 Enable (A23E): Enables PA4 to be used as the A23 address output pin.
Writing 0 in this bit enables A23 output from PA4. In modes other than 3, 4, and 5, this bit cannot
be modified and PA4 has its ordinary port functions.
Bit 7
A23E
Description
0PA4 is the A23 address output pin
1PA4 is an input/output pin
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com