Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 150Page - Renesas Technology Corp H8/3024F Datasheet HTML 151Page - Renesas Technology Corp H8/3024F Datasheet HTML 152Page - Renesas Technology Corp H8/3024F Datasheet HTML 153Page - Renesas Technology Corp H8/3024F Datasheet HTML 154Page - Renesas Technology Corp H8/3024F Datasheet HTML 155Page - Renesas Technology Corp H8/3024F Datasheet HTML 156Page - Renesas Technology Corp H8/3024F Datasheet HTML 157Page - Renesas Technology Corp H8/3024F Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 841 page
background image
Section 6 Bus Controller
Rev. 2.00 Sep 20, 2005 page 116 of 800
REJ09B0260-0200
WCRL
W11
W10
W01
W00
1
Initial value
1
1
1
1
1
1
1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76543210
W31
W30
W21
W20
Bit
Bits 7 and 6—Area 3 Wait Control 1 and 0 (W31, W30): These bits select the number of
program wait states when area 3 in external space is accessed while the AST3 bit in ASTCR is set
to 1.
Bit 7
W31
Bit 6
W30
Description
0
0
Program wait not inserted when external space area 3 is accessed
1
1 program wait state inserted when external space area 3 is accessed
1
0
2 program wait states inserted when external space area 3 is accessed
1
3 program wait states inserted when external space area 3 is accessed
(Initial value)
Bits 5 and 4—Area 2 Wait Control 1 and 0 (W21, W20): These bits select the number of
program wait states when area 2 in external space is accessed while the AST2 bit in ASTCR is set
to 1.
Bit 5
W21
Bit 4
W20
Description
0
0
Program wait not inserted when external space area 2 is accessed
1
1 program wait state inserted when external space area 2 is accessed
1
0
2 program wait states inserted when external space area 2 is accessed
1
3 program wait states inserted when external space area 2 is accessed
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com