Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 148Page - Renesas Technology Corp H8/3024F Datasheet HTML 149Page - Renesas Technology Corp H8/3024F Datasheet HTML 150Page - Renesas Technology Corp H8/3024F Datasheet HTML 151Page - Renesas Technology Corp H8/3024F Datasheet HTML 152Page - Renesas Technology Corp H8/3024F Datasheet HTML 153Page - Renesas Technology Corp H8/3024F Datasheet HTML 154Page - Renesas Technology Corp H8/3024F Datasheet HTML 155Page - Renesas Technology Corp H8/3024F Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 841 page
background image
Section 6 Bus Controller
Rev. 2.00 Sep 20, 2005 page 114 of 800
REJ09B0260-0200
6.2.3
Wait Control Registers H and L (WCRH, WCRL)
WCRH and WCRL are 8-bit readable/writable registers that select the number of program wait
states for each area.
On-chip memory and registers are accessed in a fixed number of states that does not depend on
WCRH/WCRL settings.
WCRH and WCRL are initialized to H'FF by a reset and in hardware standby mode. They are not
initialized in software standby mode.
WCRH
W51
W50
W41
W40
1
Initial value
1
1
1
1
1
1
1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76543210
W71
W70
W61
W60
Bit
Bits 7 and 6—Area 7 Wait Control 1 and 0 (W71, W70): These bits select the number of
program wait states when area 7 in external space is accessed while the AST7 bit in ASTCR is set
to 1.
Bit 7
W71
Bit 6
W70
Description
0
0
Program wait not inserted when external space area 7 is accessed
1
1 program wait state inserted when external space area 7 is accessed
1
0
2 program wait states inserted when external space area 7 is accessed
1
3 program wait states inserted when external space area 7 is accessed
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com