Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 176Page - Renesas Technology Corp H8/3024F Datasheet HTML 177Page - Renesas Technology Corp H8/3024F Datasheet HTML 178Page - Renesas Technology Corp H8/3024F Datasheet HTML 179Page - Renesas Technology Corp H8/3024F Datasheet HTML 180Page - Renesas Technology Corp H8/3024F Datasheet HTML 181Page - Renesas Technology Corp H8/3024F Datasheet HTML 182Page - Renesas Technology Corp H8/3024F Datasheet HTML 183Page - Renesas Technology Corp H8/3024F Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 841 page
background image
Section 6 Bus Controller
Rev. 2.00 Sep 20, 2005 page 142 of 800
REJ09B0260-0200
Pin Wait Insertion: Setting the WAITE bit in BCR to 1 enables wait insertion by means of the
WAIT pin. When external space is accessed in this state, a program wait is first inserted. If the
WAIT pin is low at the falling edge of φ in the last T
2 or TW state, another TW state is inserted. If
the
WAIT pin is held low, T
W states are inserted until it goes high.
This is useful when inserting four or more TW states, or when changing the number of TW states
for different external devices.
The WAITE bit setting applies to all areas.
Figure 6.16 shows an example of the timing for insertion of one program wait state in 3-state
space.
φ
WAIT
Address bus
Data bus
Read access
Write access
Data bus
AS
RD
T1
T2
Tw
Tw
Tw
T3
HWR, LWR
Note:
indicates the timing of
WAIT pin sampling.
Inserted
by program wait Inserted by
WAIT pin
Read data
Write data
Figure 6.16 Example of Wait State Insertion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com