Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 179Page - Renesas Technology Corp H8/3024F Datasheet HTML 180Page - Renesas Technology Corp H8/3024F Datasheet HTML 181Page - Renesas Technology Corp H8/3024F Datasheet HTML 182Page - Renesas Technology Corp H8/3024F Datasheet HTML 183Page - Renesas Technology Corp H8/3024F Datasheet HTML 184Page - Renesas Technology Corp H8/3024F Datasheet HTML 185Page - Renesas Technology Corp H8/3024F Datasheet HTML 186Page - Renesas Technology Corp H8/3024F Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 841 page
background image
Section 6 Bus Controller
Rev. 2.00 Sep 20, 2005 page 145 of 800
REJ09B0260-0200
Usage Note: When non-insertion of an idle cycle is specified, the rise (negation) of
RD and fall
(assertion) of
CS
n may occur simultaneously. Figure 6.19 shows an example of the operation in
this case.
If consecutive reads to a different external area occur while the ICIS1 bit in BCR is cleared to 0, or
if an external read is followed by a write cycle for a different external area while the ICIS0 bit is
cleared to 0, negation of
RD in the first read cycle and assertion of CS
n in the following bus cycle
will occur simultaneously. Depending on the output delay time of each signal, therefore, it is
possible that the
RD low output in the previous read cycle and the CS
n low output in the following
bus cycle will overlap.
As long as
RD and CS
n do not change simultaneously, or if there is no problem even if they do,
non-insertion of an idle cycle can be specified.
φ
T1
T2
T3
RD
Address bus
T1
T2
T1
T2
T3
Ti
T2
T1
CSn
φ
RD
Address bus
CSn
Bus cycle A Bus cycle B
Bus cycle A Bus cycle B
Simultaneous change of
RD and
CSn: possibility of mutual overlap
(a) Idle cycle not inserted
(b) Idle cycle inserted
Figure 6.19 Example of Idle Cycle Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com