Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 181Page - Renesas Technology Corp H8/3024F Datasheet HTML 182Page - Renesas Technology Corp H8/3024F Datasheet HTML 183Page - Renesas Technology Corp H8/3024F Datasheet HTML 184Page - Renesas Technology Corp H8/3024F Datasheet HTML 185Page - Renesas Technology Corp H8/3024F Datasheet HTML 186Page - Renesas Technology Corp H8/3024F Datasheet HTML 187Page - Renesas Technology Corp H8/3024F Datasheet HTML 188Page - Renesas Technology Corp H8/3024F Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 841 page
background image
Section 6 Bus Controller
Rev. 2.00 Sep 20, 2005 page 147 of 800
REJ09B0260-0200
6.6.1
Operation
CPU: The CPU is the lowest-priority bus master. If an external bus master requests the bus while
the CPU has the bus right, the bus arbiter transfers the bus right to the bus master that requested it.
The bus right is transferred at the following times:
• The bus right is transferred at the boundary of a bus cycle. If word data is accessed by two
consecutive byte accesses, however, the bus right is not transferred between the two byte
accesses.
• If another bus master requests the bus while the CPU is performing internal operations, such as
executing a multiply or divide instruction, the bus right is transferred immediately. The CPU
continues its internal operations.
• If another bus master requests the bus while the CPU is in sleep mode, the bus right is
transferred immediately.
External Bus Master: When the BRLE bit is set to 1 in BRCR, the bus can be released to an
external bus master. The external bus master has highest priority, and requests the bus right from
the bus arbiter driving the
BREQ signal low. Once the external bus master acquires the bus, it
keeps the bus until the
BREQ signal goes high. While the bus is released to an external bus
master, the H8/3024 Group chip holds the address bus, data bus, bus control signals (
AS, RD,
HWR, and LWR), and chip select signals (CSn: n = 7 to 0) in the high-impedance state, and holds
the
BACK pin in the low output state.
The bus arbiter samples the
BREQ pin at the rise of the system clock (φ). If BREQ is low, the bus
is released to the external bus master at the appropriate opportunity. The
BREQ signal should be
held low until the
BACK signal goes low.
When the
BREQ pin is high in two consecutive samples, the BACK pin is driven high to end the
bus-release cycle.
Figure 6.20 shows the timing when the bus right is requested by an external bus master during a
read cycle in a two-state access area. There is a minimum interval of three states from when the
BREQ signal goes low until the bus is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com