Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 186Page - Renesas Technology Corp H8/3024F Datasheet HTML 187Page - Renesas Technology Corp H8/3024F Datasheet HTML 188Page - Renesas Technology Corp H8/3024F Datasheet HTML 189Page - Renesas Technology Corp H8/3024F Datasheet HTML 190Page - Renesas Technology Corp H8/3024F Datasheet HTML 191Page - Renesas Technology Corp H8/3024F Datasheet HTML 192Page - Renesas Technology Corp H8/3024F Datasheet HTML 193Page - Renesas Technology Corp H8/3024F Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 152 of 800
REJ09B0260-0200
Expanded Modes
Single-Chip
Modes
Port
Description
Pins
Mode 1
Mode 2
Mode 3
Mode 4
Mode 5
Mode 6
Mode 7
Port 4 • 8-bit I/O
port
• Built-in
input
pull-up
transistors
P47 to P40/
D7 to D0
Data input/output (D7 to D0) and 8-bit generic
input/output
8-bit bus mode: generic input/output
16-bit bus mode: data input/output
Generic input/
output
Port 5 • 4-bit I/O
port
• Built-in
input
pull-up
transistors
•Can drive
LEDs
P53 to P50/
A19 to A16
Address output (A19 to A16)
Address output
(A19 to A16) and
4-bit generic
input
DDR = 0:
generic input
DDR = 1:
address output
Generic input/
output
Port 6
P67/
φ
Clock output (
φ) and generic input
• 8-bit I/O
port
P66/
LWR
P65/
HWR
P64/
RD
P63/
AS
Bus control signal output (
LWR, HWR, RD, AS)
Generic input/
output
P62/
BACK
P61/
BREQ
P60/
WAIT
Bus control signal input/output (
BACK, BREQ, WAIT)
and 3-bit generic input/output
Generic input/
output
Port 7 • 8-bit I/O
port
P77/AN7/
DA1
P76/AN6/
DA0
Analog input (AN7, AN6) to A/D converter, analog output (DA1, DA0) from
D/A converter, and generic input
P75 to P70/
AN5 to AN0
Analog input (AN5 to AN0) to A/D converter, and generic input
Port 8
P84/
CS0
DDR = 0: generic input
DDR = 1 (reset value):
CS0 output
DDR = 0 (after
reset): generic
input
DDR = 1:
CS0
output
Generic input/
output
• 5-bit I/O
port
•P82 to P80
have
Schmitt
inputs
P83/
IRQ3/
CS1/ADTRG
IRQ3 input, CS1 output, external trigger input (ADTRG)
to A/D converter, and generic input
DDR = 0 (after reset): generic input
DDR = 1:
CS1 output
IRQ3 input,
external trigger
input (
ADTRG) to
A/D converter,
and generic
input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com