| Electronic Components Datasheet Search |
|
H8/3024F Datasheet(PDF) 191 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3024F Datasheet(HTML) 191 Page - Renesas Technology Corp |
|
191 / 841 page ![]() Section 7 I/O Ports Rev. 2.00 Sep 20, 2005 page 153 of 800 REJ09B0260-0200 Expanded Modes Single-Chip Modes Port Description Pins Mode 1 Mode 2 Mode 3 Mode 4 Mode 5 Mode 6 Mode 7 Port 8 P82/ IRQ2/ CS2 P81/ IRQ1/ CS3 IRQ2 and IRQ1 input, CS2 and CS3 output, and generic input DDR = 0 (after reset): generic input DDR = 1: CS2 and CS3 output IRQ2 and IRQ1 input and generic input/output • 5-bit I/O port •P82 to P80 have Schmitt inputs P80/ IRQ0 IRQ0 input, and generic input/output Port 9 • 6-bit I/O port P95/ IRQ5 / SCK1 P94/ IRQ4 / SCK0 P93/RxD1 P92/RxD0 P91/TxD1 P90/TxD0 Input and output (SCK1, SCK0, RxD1, RxD0, TxD1, TxD0) for serial communication interfaces 1 and 0 (SCI1/0), IRQ5 and IRQ4 input, and 6-bit generic input/output Port A • 8-bit I/O port •Schmitt inputs PA7/TP7/ TIOCB2/A20 Output (TP7) from pro-grammable timing pattern controller (TPC), input or output (TIOCB2) for 16-bit timer and generic input/ output Address output (A20) Address output (A20), TPC output (TP7), input or output (TIOCB2) for 16-bit timer, and generic input/output TPC output (TP7), 16-bit timer input or output (TIOCB2), and generic input/output PA6/TP6/ TIOCA2/A21 PA5/TP5/ TIOCB1/A22 PA4/TP4/ TIOCA1/A23 TPC output (TP6 to TP4), 16-bit timer input and output (TIOCA2, TIOCB1, TIOCA1), and generic input/output TPC output (TP6 to TP4),16-bit timer input and output (TIOCA2, TIOCB1, TIOCA1), address output (A23 to A21), and generic input/ output TPC output (TP6 to TP4), 16-bit timer input and output (TIOCA2, TIOCB1, TIOCA1) and generic input/output PA3/TP3/ TIOCB0/ TCLKD PA2/TP2/ TIOCA0/ TCLKC PA1/TP1/ TCLKB PA0/TP0/ TCLKA TPC output (TP3 to TP0), 16-bit timer input and output (TIOCB0, TIOCA0, TCLKD, TCLKC, TCLKB, TCLKA), 8-bit timer input (TCLKD, TCLKC, TCLKB, TCLKA), and generic input/output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |