Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 223Page - Renesas Technology Corp H8/3024F Datasheet HTML 224Page - Renesas Technology Corp H8/3024F Datasheet HTML 225Page - Renesas Technology Corp H8/3024F Datasheet HTML 226Page - Renesas Technology Corp H8/3024F Datasheet HTML 227Page - Renesas Technology Corp H8/3024F Datasheet HTML 228Page - Renesas Technology Corp H8/3024F Datasheet HTML 229Page - Renesas Technology Corp H8/3024F Datasheet HTML 230Page - Renesas Technology Corp H8/3024F Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 189 of 800
REJ09B0260-0200
7.11.2
Register Descriptions
Table 7.18 summarizes the registers of port A.
Table 7.18
Port A Registers
Initial Value
Address*
Name
R/W
Modes 1, 2, 5, 6 and 7
Modes 3, 4
H'EE009
Port A data direction
register
PADDR
W
H'00
H'80
H'FFFD9
Port A data register
PADR
R/W
H'00
H'00
Note: * Lower 20 bits of the address in advanced mode.
Port A Data Direction Register (PADDR): PADDR is an 8-bit write-only register that can select
input or output for each pin in port A. When pins are used for TPC output, the corresponding
PADDR bits must also be set.
7
PA DDR
1
—
0
W
Port A data direction 7 to 0
These bits select input or output for port A pins
7
6
PA DDR
0
W
0
W
6
5
PA DDR
0
W
0
W
5
4
PA DDR
0
W
0
W
4
3
PA DDR
0
W
0
W
3
2
PA DDR
0
W
0
W
2
1
PA DDR
0
W
0
W
1
0
PA DDR
0
W
0
W
0
Bit
Modes
3 and 4
Initial value
Read/Write
Initial value
Read/Write
Modes
1, 2, 5,
6 and 7
The pin functions that can be selected for pins PA7 to PA4 differ between modes 1, 2, 6, and 7, and
modes 3 to 5. For the method of selecting the pin functions, see tables 7.19 and 7.20.
The pin functions that can be selected for pins PA3 to PA0 are the same in modes 1 to 7. For the
method of selecting the pin functions, see table 7.21.
When port A functions as an input/output port, a pin in port A becomes an output port if the
corresponding PADDR bit is set to 1, and an input port if this bit is cleared to 0. In modes 3 and 4,
PA7DDR is fixed at 1 and PA7 functions as the A20 address output pin.
PADDR is a write-only register. Its value cannot be read. All bits return 1 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com