Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 227Page - Renesas Technology Corp H8/3024F Datasheet HTML 228Page - Renesas Technology Corp H8/3024F Datasheet HTML 229Page - Renesas Technology Corp H8/3024F Datasheet HTML 230Page - Renesas Technology Corp H8/3024F Datasheet HTML 231Page - Renesas Technology Corp H8/3024F Datasheet HTML 232Page - Renesas Technology Corp H8/3024F Datasheet HTML 233Page - Renesas Technology Corp H8/3024F Datasheet HTML 234Page - Renesas Technology Corp H8/3024F Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 193 of 800
REJ09B0260-0200
Table 7.20
Port A Pin Functions (Modes 3 to 5)
Pin
Pin Functions and Selection Method
Modes 3 and 4: Always used as A20 output.
Pin function
A20 output
PA7/TP7/
TIOCB2/ A20
Mode 5: Bit PWM2 in TMDR, bits IOB2 to IOB0 in TIOR2, bit NDER7 in NDERA, bit
A20E in BRCR, and bit PA7DDR select the pin function as follows.
A20E
1
0
16-bit timer
channel 2 settings
(1) in table below
(2) in table below
—
PA7DDR
—
01
1
—
NDER7
——
01
—
Pin function
TIOCB2 output
PA7
input
PA7
output
TP7
output
A20
output
TIOCB2 input*
Note: * TIOCB2 input when IOB2 = 1 and PWM2 = 0.
16-bit timer channel 2 settings
(2)
(1)
(2)
IOB2
0
1
IOB1
0
0
1
—
IOB0
0
1
——



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com