Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 231Page - Renesas Technology Corp H8/3024F Datasheet HTML 232Page - Renesas Technology Corp H8/3024F Datasheet HTML 233Page - Renesas Technology Corp H8/3024F Datasheet HTML 234Page - Renesas Technology Corp H8/3024F Datasheet HTML 235Page - Renesas Technology Corp H8/3024F Datasheet HTML 236Page - Renesas Technology Corp H8/3024F Datasheet HTML 237Page - Renesas Technology Corp H8/3024F Datasheet HTML 238Page - Renesas Technology Corp H8/3024F Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 197 of 800
REJ09B0260-0200
Pin
Pin Functions and Selection Method
PA2/TP2/
TIOCA0/
TCLKC
Bit PWM0 in TMDR, bits IOA2 to IOA0 in TIOR0, bits TPSC2 to TPSC0 in 16TCR2 to
16TCR0 of the 16-bit timer, bits CKS2 to CKS0 in 8TCR0 of the 8-bit timer, bit
NDER2 in NDERA, and bit PA2DDR select the pin function as follows.
16-bit timer
channel 0 settings
(1) in table below
(2) in table below
PA2DDR
—
011
NDER2
——
01
Pin function
TIOCA0 output
PA2
input
PA2
output
TP2
output
TIOCA0 input*
1
TCLKC input*
2
Notes: 1. TIOCA0 input when IOA2 = 1.
2. TCLKC input when TPSC2 = TPSC1 = 1 and TPSC0 = 0 in any of
16TCR2 to 16TCR0, or bits CKS2 to CKS0 in 8TCR0 are as shown in (3)
in the table below.
16-bit timer
channel 0 settings
(2)
(1)
(2)
(1)
PWM0
0
1
IOA2
0
1
—
IOA1
0
0
1
——
IOA0
0
1
——
—
8-bit timer
channel 0 settings
(4)
(3)
CKS2
0
1
CKS1
—
01
CKS0
—
01
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com