Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 235Page - Renesas Technology Corp H8/3024F Datasheet HTML 236Page - Renesas Technology Corp H8/3024F Datasheet HTML 237Page - Renesas Technology Corp H8/3024F Datasheet HTML 238Page - Renesas Technology Corp H8/3024F Datasheet HTML 239Page - Renesas Technology Corp H8/3024F Datasheet HTML 240Page - Renesas Technology Corp H8/3024F Datasheet HTML 241Page - Renesas Technology Corp H8/3024F Datasheet HTML 242Page - Renesas Technology Corp H8/3024F Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 201 of 800
REJ09B0260-0200
7.12.2
Register Descriptions
Table 7.22 summarizes the registers of port B.
Table 7.22
Port B Registers
Address*
Name
Abbreviation
R/W
Initial Value
H'EE00A
Port B data direction register
PBDDR
W
H'00
H'FFFDA
Port B data register
PBDR
R/W
H'00
Note: * Lower 20 bits of the address in advanced mode.
Port B Data Direction Register (PBDDR): PBDDR is an 8-bit write-only register that can select
input or output for each pin in port B. When pins are used for TPC output, the corresponding
PBDDR bits must also be set.
Bit
Initial value
Read/Write
7
PB DDR
0
W
Port B data direction 7 to 0
These bits select input or output for port B pins
7
6
PB DDR
0
W
6
5
PB DDR
0
W
5
4
PB DDR
0
W
4
3
PB DDR
0
W
3
2
PB DDR
0
W
2
1
PB DDR
0
W
1
0
PB DDR
0
W
0
The pin functions that can be selected for port B differ between modes 1 to 5, and modes 6 and 7.
For the method of selecting the pin functions, see tables 7.23 and 7.24.
When port B functions as an input/output port, a pin in port B becomes an output port if the
corresponding PBDDR bit is set to 1, and an input port if this bit is cleared to 0.
PBDDR is a write-only register. Its value cannot be read. All bits return 1 when read.
PBDDR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode
it retains its previous setting. Therefore, if a transition is made to software standby mode while
port B is functioning as an input/output port and a PBDDR bit is set to 1, the corresponding pin
maintains its output state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com