Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 236Page - Renesas Technology Corp H8/3024F Datasheet HTML 237Page - Renesas Technology Corp H8/3024F Datasheet HTML 238Page - Renesas Technology Corp H8/3024F Datasheet HTML 239Page - Renesas Technology Corp H8/3024F Datasheet HTML 240Page - Renesas Technology Corp H8/3024F Datasheet HTML 241Page - Renesas Technology Corp H8/3024F Datasheet HTML 242Page - Renesas Technology Corp H8/3024F Datasheet HTML 243Page - Renesas Technology Corp H8/3024F Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 202 of 800
REJ09B0260-0200
Port B Data Register (PBDR): PBDR is an 8-bit readable/writable register that stores output data
for pins port B. When port B functions as an output port, the value of this register is output. When
a bit in PBDDR is set to 1, if port B is read the value of the corresponding PBDR bit is returned.
When a bit in PBDDR is cleared to 0, if port B is read the corresponding pin logic level is read.
Bit
Initial value
Read/Write
0
PB
0
R/W
0
1
PB
0
R/W
1
2
PB
0
R/W
2
3
PB
0
R/W
3
4
PB
0
R/W
4
5
PB
0
R/W
5
6
PB
0
R/W
6
7
PB
0
R/W
7
Port B data 7 to 0
These bits store data for port B pins
PBDR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode it
retains its previous setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com