Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 237Page - Renesas Technology Corp H8/3024F Datasheet HTML 238Page - Renesas Technology Corp H8/3024F Datasheet HTML 239Page - Renesas Technology Corp H8/3024F Datasheet HTML 240Page - Renesas Technology Corp H8/3024F Datasheet HTML 241Page - Renesas Technology Corp H8/3024F Datasheet HTML 242Page - Renesas Technology Corp H8/3024F Datasheet HTML 243Page - Renesas Technology Corp H8/3024F Datasheet HTML 244Page - Renesas Technology Corp H8/3024F Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 841 page
background image
Section 7 I/O Ports
Rev. 2.00 Sep 20, 2005 page 203 of 800
REJ09B0260-0200
Table 7.23
Port B Pin Functions (Modes 1 to 5)
Pin
Pin Functions and Selection Method
PB7/TP15
Bit NDER15 in NDERB and bit PB7DDR select the pin function as follows.
PB7DDR
011
NDER15
—
01
Pin function
PB7 input
PB7 output
TP15 output
PB6/TP14
Bit NDER14 in NDERB and bit PB6DDR select the pin function as follows.
PB6DDR
011
NDER14
—
01
Pin function
PB6 input
PB6 output
TP14 output
PB5/TP13
Bit NDER13 in NDERB and bit PB5DDR select the pin function as follows.
PB5DDR
011
NDER13
—
01
Pin function
PB5 input
PB5 output
TP13 output
PB4/TP12
Bit NDER12 in NDERB and bit PB4DDR select the pin function as follows.
PB4DDR
011
NDER12
—
01
Pin function
PB4 input
PB4 output
TP12 output
PB3/TP11/
TMIO3/
CS4
Bits OIS3/2 and OS1/0 in 8TCSR3, bit CS4E in CSCR, bit NDER11 in NDERB, and
bit PB3DDR select the pin function as follows.
OIS3/2 and
OS1/0
All 0
Not all 0
CS4E
0
1
—
PB3DDR
011
——
NDER11
—
01
——
Pin function
PB3
input
PB3
output
TP11
output
CS4
output
TMIO3 output
TMIO3 input*
Note: * TMIO3 input when bit ICE = 1 in 8TCSR3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com