Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 272Page - Renesas Technology Corp H8/3024F Datasheet HTML 273Page - Renesas Technology Corp H8/3024F Datasheet HTML 274Page - Renesas Technology Corp H8/3024F Datasheet HTML 275Page - Renesas Technology Corp H8/3024F Datasheet HTML 276Page - Renesas Technology Corp H8/3024F Datasheet HTML 277Page - Renesas Technology Corp H8/3024F Datasheet HTML 278Page - Renesas Technology Corp H8/3024F Datasheet HTML 279Page - Renesas Technology Corp H8/3024F Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 238 of 800
REJ09B0260-0200
On-chip data bus
CPU
H
L
Bus interface
H
L
Module
data bus
16TCR
Figure 8.11 16TCR Access (CPU Reads 16TCR)
8.4
Operation
8.4.1
Overview
A summary of operations in the various modes is given below.
Normal Operation: Each channel has a timer counter and general registers. The timer counter
counts up, and can operate as a free-running counter, periodic counter, or external event counter.
GRA and GRB can be used for input capture or output compare.
Synchronous Operation: The timer counters in designated channels are preset synchronously.
Data written to the timer counter in any one of these channels is simultaneously written to the
timer counters in the other channels as well. The timer counters can also be cleared synchronously
if so designated by the CCLR1 and CCLR0 bits in the TCRs.
PWM Mode: A PWM waveform is output from the TIOCA pin. The output goes to 1 at compare
match A and to 0 at compare match B. The duty cycle can be varied from 0% to 100% depending
on the settings of GRA and GRB. When a channel is set to PWM mode, its GRA and GRB
automatically become output compare registers.
Phase Counting Mode: The phase relationship between two clock signals input at TCLKA and
TCLKB is detected and 16TCNT2 counts up or down accordingly. When phase counting mode is
selected TCLKA and TCLKB become clock input pins and 16TCNT2 operates as an up/down-
counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com