Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 276Page - Renesas Technology Corp H8/3024F Datasheet HTML 277Page - Renesas Technology Corp H8/3024F Datasheet HTML 278Page - Renesas Technology Corp H8/3024F Datasheet HTML 279Page - Renesas Technology Corp H8/3024F Datasheet HTML 280Page - Renesas Technology Corp H8/3024F Datasheet HTML 281Page - Renesas Technology Corp H8/3024F Datasheet HTML 282Page - Renesas Technology Corp H8/3024F Datasheet HTML 283Page - Renesas Technology Corp H8/3024F Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 242 of 800
REJ09B0260-0200
φ
External
clock input
16TCNT input
clock
16TCNT
N – 1
N
N + 1
Figure 8.16 Count Timing for External Clock Sources (when Both Edges are Detected)
Waveform Output by Compare Match: In 16-bit timer channels 0, 1 compare match A or B can
cause the output at the TIOCA or TIOCB pin to go to 0, go to 1, or toggle. In channel 2 the output
can only go to 0 or go to 1.
• Sample setup procedure for waveform output by compare match
Figure 8.17 shows an example of the setup procedure for waveform output by compare match.
Output setup
Select waveform
output mode
Set output timing
Start counter
Waveform output
Select the compare match output mode (0, 1, or
toggle) in TIOR. When a waveform output mode
is selected, the pin switches from its generic input/
output function to the output compare function
(TIOCA or TIOCB). An output compare pin outputs
the value set in TOLR until the first compare match
occurs.
Set a value in GRA or GRB to designate the
compare match timing.
Set the STR bit to 1 in TSTR to start the timer
counter.
1
2
3
1.
2.
3.
Figure 8.17 Setup Procedure for Waveform Output by Compare Match (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com