Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 279Page - Renesas Technology Corp H8/3024F Datasheet HTML 280Page - Renesas Technology Corp H8/3024F Datasheet HTML 281Page - Renesas Technology Corp H8/3024F Datasheet HTML 282Page - Renesas Technology Corp H8/3024F Datasheet HTML 283Page - Renesas Technology Corp H8/3024F Datasheet HTML 284Page - Renesas Technology Corp H8/3024F Datasheet HTML 285Page - Renesas Technology Corp H8/3024F Datasheet HTML 286Page - Renesas Technology Corp H8/3024F Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 245 of 800
REJ09B0260-0200
• Sample setup procedure for input capture
Figure 8.21 shows a sample procedure for setting up input capture.
Input selection
Select input-capture input
Start counter
Input capture
Set TIOR to select the input capture function of a
general register and the rising edge, falling edge,
or both edges of the input capture signal. Clear the
DDR bit to 0 before making these TIOR settings.
Set the STR bit to 1 in TSTR to start the timer
counter.
1
2
1.
2.
Figure 8.21 Setup Procedure for Input Capture (Example)
• Examples of input capture
Figure 8.22 illustrates input capture when the falling edge of TIOCB and both edges of TIOCA
are selected as capture edges. 16TCNT is cleared by input capture into GRB.
H'0005
H'0180
H'0180
H'0160
H'0005
H'0000
TIOCB
TIOCA
GRA
GRB
16TCNT value
H'0160
Figure 8.22 Input Capture (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com