Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 283Page - Renesas Technology Corp H8/3024F Datasheet HTML 284Page - Renesas Technology Corp H8/3024F Datasheet HTML 285Page - Renesas Technology Corp H8/3024F Datasheet HTML 286Page - Renesas Technology Corp H8/3024F Datasheet HTML 287Page - Renesas Technology Corp H8/3024F Datasheet HTML 288Page - Renesas Technology Corp H8/3024F Datasheet HTML 289Page - Renesas Technology Corp H8/3024F Datasheet HTML 290Page - Renesas Technology Corp H8/3024F Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 249 of 800
REJ09B0260-0200
Table 8.4
PWM Output Pins and Registers
Channel
Output Pin
1 Output
0 Output
0
TIOCA0
GRA0
GRB0
1
TIOCA1
GRA1
GRB1
2
TIOCA2
GRA2
GRB2
Sample Setup Procedure for PWM Mode: Figure 8.26 shows a sample procedure for setting up
PWM mode.
PWM mode
1.
2.
3.
4.
5.
6.
Set bits TPSC2 to TPSC0 in 16TCR to
select the counter clock source. If an
external clock source is selected, set
bits CKEG1 and CKEG0 in 16TCR to
select the desired edge(s) of the
external clock signal.
Set bits CCLR1 and CCLR0 in 16TCR
to select the counter clear source.
Set the time at which the PWM
waveform should go to 1 in GRA.
Set the time at which the PWM
waveform should go to 0 in GRB.
Set the PWM bit in TMDR to select
PWM mode. When PWM mode is
selected, regardless of the TIOR
contents, GRA and GRB become
output compare registers specifying
the times at which the PWM output
goes to 1 and 0. The TIOCA pin
automatically becomes the PWM
output pin. The TIOCB pin conforms
to the settings of bits IOB1 and IOB0
in TIOR. If TIOCB output is not
desired, clear both IOB1 and IOB0 to 0.
Set the STR bit to 1 in TSTR to start
the timer counter.
PWM mode
Select counter clock
1
Select counter clear source
2
Set GRA
3
Set GRB
4
Select PWM mode
5
Start counter
6
Figure 8.26 Setup Procedure for PWM Mode (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com