Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 281Page - Renesas Technology Corp H8/3024F Datasheet HTML 282Page - Renesas Technology Corp H8/3024F Datasheet HTML 283Page - Renesas Technology Corp H8/3024F Datasheet HTML 284Page - Renesas Technology Corp H8/3024F Datasheet HTML 285Page - Renesas Technology Corp H8/3024F Datasheet HTML 286Page - Renesas Technology Corp H8/3024F Datasheet HTML 287Page - Renesas Technology Corp H8/3024F Datasheet HTML 288Page - Renesas Technology Corp H8/3024F Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 247 of 800
REJ09B0260-0200
Sample Setup Procedure for Synchronization: Figure 8.24 shows a sample procedure for
setting up synchronization.
Setup for synchronization
Synchronous preset
Set the SYNC bits to 1 in TSNC for the channels to be synchronized.
When a value is written in 16TCNT in one of the synchronized channels, the same value is
simultaneously written in 16TCNT in the other channels.
Set the CCLR1 or CCLR0 bit in 16TCR to have the counter cleared by compare match or input capture.
Set the CCLR1 and CCLR0 bits in 16TCR to have the counter cleared synchronously.
Set the STR bits in TSTR to 1 to start the synchronized counters.
1.
2.
3.
4.
5.
2
3
1
5
4
5
Select synchronization
Synchronous preset
Write to 16TCNT
Synchronous clear
Clearing
synchronized to this
channel?
Select counter clear source
Start counter
Counter clear
Synchronous clear
Start counter
Select counter clear source
Yes
No
Figure 8.24 Setup Procedure for Synchronization (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com