Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 278Page - Renesas Technology Corp H8/3024F Datasheet HTML 279Page - Renesas Technology Corp H8/3024F Datasheet HTML 280Page - Renesas Technology Corp H8/3024F Datasheet HTML 281Page - Renesas Technology Corp H8/3024F Datasheet HTML 282Page - Renesas Technology Corp H8/3024F Datasheet HTML 283Page - Renesas Technology Corp H8/3024F Datasheet HTML 284Page - Renesas Technology Corp H8/3024F Datasheet HTML 285Page - Renesas Technology Corp H8/3024F Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 244 of 800
REJ09B0260-0200
• Output compare output timing
The compare match signal is generated in the last state in which 16TCNT and the general
register match (when 16TCNT changes from the matching value to the next value). When the
compare match signal is generated, the output value selected in TIOR is output at the output
compare pin (TIOCA or TIOCB). When 16TCNT matches a general register, the compare
match signal is not generated until the next counter clock pulse.
Figure 8.20 shows the output compare timing.
N + 1
N
N
φ
16TCNT input
clock
16TCNT
GR
Compare
match signal
TIOCA,
TIOCB
Figure 8.20 Output Compare Output Timing
Input Capture Function: The 16TCNT value can be transferred to a general register when an
input edge is detected at an input capture input/output compare pin (TIOCA or TIOCB). Rising-
edge, falling-edge, or both-edge detection can be selected. The input capture function can be used
to measure pulse width or period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com