Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 301Page - Renesas Technology Corp H8/3024F Datasheet HTML 302Page - Renesas Technology Corp H8/3024F Datasheet HTML 303Page - Renesas Technology Corp H8/3024F Datasheet HTML 304Page - Renesas Technology Corp H8/3024F Datasheet HTML 305Page - Renesas Technology Corp H8/3024F Datasheet HTML 306Page - Renesas Technology Corp H8/3024F Datasheet HTML 307Page - Renesas Technology Corp H8/3024F Datasheet HTML 308Page - Renesas Technology Corp H8/3024F Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 841 page
background image
Section 8 16-Bit Timer
Rev. 2.00 Sep 20, 2005 page 267 of 800
REJ09B0260-0200
Note on Waveform Period Setting: When a counter is cleared by compare match, the counter is
cleared in the last state at which the 16TCNT value matches the general register value, at the time
when this value would normally be updated to the next count. The actual counter frequency is
therefore given by the following formula:
f =
φ
(N+1)
(f: counter frequency.
φ: system clock frequency. N: value set in general register.)
Note on Writes in Synchronized Operation: When channels are synchronized, if a 16TCNT
value is modified by byte write access, all 16 bits of all synchronized counters assume the same
value as the counter that was addressed.
(Example) When channels 1 and 2 are synchronized
• Byte write to channel 1 or byte write to channel 2
16TCNT1
16TCNT2
W
Y
X
Z
16TCNT1
16TCNT2
A
A
X
X
16TCNT1
16TCNT2
Y
Y
A
A
16TCNT1
16TCNT2
W
Y
X
Z
16TCNT1
16TCNT2
A
A
B
B
• Word write to channel 1 or word write to channel 2
Upper byte Lower byte
Upper byte Lower byte
Upper byte Lower byte
Upper byte Lower byte
Upper byte Lower byte
Write A to upper byte
of channel 1
Write A to lower byte
of channel 2
Write AB word to
channel 1 or 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com