Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 305Page - Renesas Technology Corp H8/3024F Datasheet HTML 306Page - Renesas Technology Corp H8/3024F Datasheet HTML 307Page - Renesas Technology Corp H8/3024F Datasheet HTML 308Page - Renesas Technology Corp H8/3024F Datasheet HTML 309Page - Renesas Technology Corp H8/3024F Datasheet HTML 310Page - Renesas Technology Corp H8/3024F Datasheet HTML 311Page - Renesas Technology Corp H8/3024F Datasheet HTML 312Page - Renesas Technology Corp H8/3024F Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 841 page
background image
Section 9 8-Bit Timers
Rev. 2.00 Sep 20, 2005 page 271 of 800
REJ09B0260-0200
Section 9 8-Bit Timers
9.1
Overview
The H8/3024 Group has a built-in 8-bit timer module with four channels (TMR0, TMR1, TMR2,
and TMR3), based on 8-bit counters. Each channel has an 8-bit timer counter (8TCNT) and two
8-bit time constant registers (TCORA and TCORB) that are constantly compared with the 8TCNT
value to detect compare match events. The timers can be used as multifunctional timers in a
variety of applications, including the generation of a rectangular-wave output with an arbitrary
duty cycle.
9.1.1
Features
The features of the 8-bit timer module are listed below.
• Selection of four clock sources
The counters can be driven by one of three internal clock signals (
φ/8, φ/64, or φ/8192) or an
external clock input (enabling use as an external event counter).
• Selection of three ways to clear the counters
The counters can be cleared on compare match A or B, or input capture B.
• Timer output controlled by two compare match signals
The timer output signal in each channel is controlled by two independent compare match
signals, enabling the timer to generate output waveforms with an arbitrary duty cycle or PWM
output.
• A/D converter can be activated by a compare match
• Two channels can be cascaded
 Channels 0 and 1 can be operated as the upper and lower halves of a 16-bit timer (16-bit
count mode).
 Channels 2 and 3 can be operated as the upper and lower halves of a 16-bit timer (16-bit
count mode).
 Channel 1 can count channel 0 compare match events (compare match count mode).
 Channel 3 can count channel 2 compare match events (compare match count mode).
• Input capture function can be set
8-bit or 16-bit input capture operation is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com