Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024F Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # H8/3024F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024F Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button H8/3024F Datasheet HTML 309Page - Renesas Technology Corp H8/3024F Datasheet HTML 310Page - Renesas Technology Corp H8/3024F Datasheet HTML 311Page - Renesas Technology Corp H8/3024F Datasheet HTML 312Page - Renesas Technology Corp H8/3024F Datasheet HTML 313Page - Renesas Technology Corp H8/3024F Datasheet HTML 314Page - Renesas Technology Corp H8/3024F Datasheet HTML 315Page - Renesas Technology Corp H8/3024F Datasheet HTML 316Page - Renesas Technology Corp H8/3024F Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 841 page
background image
Section 9 8-Bit Timers
Rev. 2.00 Sep 20, 2005 page 275 of 800
REJ09B0260-0200
9.1.4
Register Configuration
Table 9.2 summarizes the registers of the 8-bit timer module.
Table 9.2
8-Bit Timer Registers
Channel
Address*
1
Name
Abbreviation
R/W
Initial value
0
H'FFF80
Timer control register 0
8TCR0
R/W
H'00
H'FFF82
Timer control/status register 0
8TCSR0
R/(W)*
2
H'00
H'FFF84
Time constant register A0
TCORA0
R/W
H'FF
H'FFF86
Time constant register B0
TCORB0
R/W
H'FF
H'FFF88
Timer counter 0
8TCNT0
R/W
H'00
1
H'FFF81
Timer control register 1
8TCR1
R/W
H'00
H'FFF83
Timer control/status register 1
8TCSR1
R/(W)*
2
H'00
H'FFF85
Time constant register A1
TCORA1
R/W
H'FF
H'FFF87
Time constant register B1
TCORB1
R/W
H'FF
H'FFF89
Timer counter 1
8TCNT1
R/W
H'00
2
H'FFF90
Timer control register 2
8TCR2
R/W
H'00
H'FFF92
Timer control/status register 2
8TCSR2
R/(W)*
2
H'10
H'FFF94
Time constant register A2
TCORA2
R/W
H'FF
H'FFF96
Time constant register B2
TCORB2
R/W
H'FF
H'FFF98
Timer counter 2
8TCNT2
R/W
H'00
3
H'FFF91
Timer control register 3
8TCR3
R/W
H'00
H'FFF93
Timer control/status register 3
8TCSR3
R/(W)*
2
H'00
H'FFF95
Time constant register A3
TCORA3
R/W
H'FF
H'FFF97
Time constant register B3
TCORB3
R/W
H'FF
H'FFF99
Timer counter 3
8TCNT3
R/W
H'00
Notes: 1. Indicates the lower 20 bits of the address in advanced mode.
2. Only 0 can be written to bits 7 to 5, to clear these flags.
Each pair of registers for channel 0 and channel 1 comprises a 16-bit register with the channel 0
register as the upper 8 bits and the channel 1 register as the lower 8 bits, so they can be accessed
together by word access.
Similarly, each pair of registers for channel 2 and channel 3 comprises a 16-bit register with the
channel 2 register as the upper 8 bits and the channel 3 register as the lower 8 bits, so they can be
accessed together by word access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com