Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 119Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 120Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 121Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 122Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 123Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 124Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 125Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 126Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 127Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 124 / 127 page
background image
Revision history
14
Table 59: Document revision history
Changes
Revision
Date
Initial release.
1
05-Jun-2008
Corrected number of high sink outputs to 9 in I/Os on Features.
2
23-Jun-2008
Updated part numbers in Table 2: STM8S105xx access line
features.
Updated part numbers in Table 2: STM8S105xx access line
features.
3
12-Aug-2008
USART renamed UART1, LINUART renamed UART2.
Added Table 7: Pin-to-pin comparison of pin 7 to 12 in 32-pin
access line devices.
Removed STM8S102xx and STM8S104xx root part numbers
corresponding to devices without data EEPROM.
4
17-Sep-2008
Updated STM8S103 pinout in Section 5.2 on page 29.
Added low and medium density Flash memory categories.
Added Note 1 in Table 17: Current characteristics.
Updated Table 12: Option bytes .
Updated STM8S103 pinout in Section 5.2 on page 29
5
05-Feb-2009
Updated number of High Sink I/Os in pinout.
TSSOP20 pinout modified (PD4 moved to pin 1 etc.)
Added WFQFN20 package
Updated Option bytes.
Added Memory and register map.
Removed STM8S103x products (separate STM8S103
datasheet created)
6
27-Feb-2009
Updated Electrical characteristics.
Added SDIP32 silhouette and package to Features and SDIP32
package mechanical data data ; updated Pinout and pin
description and
7
12-May-2009
Updated VDD range (2.95 V to 5.5 V) on Features.
DocID14771 Rev 9
124/127
STM8S105xx
Revision history



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com