Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 126 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 119Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 120Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 121Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 122Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 123Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 124Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 125Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 126Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 127Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 126 / 127 page
background image
Changes
Revision
Date
Option bytes: added description of STM8L bootloader option
bytes to the option byte description table.
Added Unique ID
Operating conditions: added introductory text; removed low
power dissipation condition for TA, replaced "CEXT" by "VCAP",
and added ESR and ESL data in table "general operating
conditions".
Total current consumption in halt mode: replaced max value
of IDD(H) at 85 °C from 20 µA to 25 µA for the condition "Flash
in powerdown mode, HSI clock after wakeup in the table "total
current consumption in halt mode at VDD = 5 V.
Low power mode wakeup times: added first condition (0 to 16
MHz) for the tWU(WFI) parameter in the table "wakeup times".
Internal clock sources and timing characteristics: In the table
"HSI oscillator characteristics", replaced min and max values
of "ACCHSI factory calibrated parameter" and removed footnote
4 concerning further characterization of results.
Functional EMS (electromagnetic susceptibility): IEC 1000
replaced with IEC 61000.
Designing hardened software to avoid noise problems: IEC
1000 replaced with IEC 61000.
Electromagnetic interference (EMI): SAE J 1752/3 replaced
with IEC61967-2.
Thermal characteristics: Replaced the thermal resistance
junction ambient temperature of LQFP32 7X7 mm from 59 °C
to 60 °C in the thermal characteristics table.
Added 32-lead UFQFPN package mechanical data.
Added STM8S105 FASTROM microcontroller option list.
DocID14771 Rev 9
126/127
STM8S105xx
Revision history



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com