Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 125 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 119Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 120Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 121Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 122Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 123Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 124Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 125Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 126Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 127Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 125 / 127 page
background image
Changes
Revision
Date
Amended name of package VQFPN32
Added Table 5 on page 22 .
Updated Auto wakeup counter.
Updated pins 25, 30, and 31 in Pinout and pin description.
Removed Table 7: Pin-to-pin comparison of pin 7 to 12 in 32-pin
access line devices.
Added Table 14: Description of alternate function remapping
bits [7:0] of OPT2.
Electrical characteristics: Updated VCAP specifications;
updated Table 15, Table 18, Table 20, Table 21, Table 22,
Table 23, Table 24, Table 25, Table 26, Table 27, Table 29,
Table 35, and Table 42; added current consumption curves ;
removed Figure 20: typical HSE frequency vs fcpu @ 4
temperatures; updated Figure 13, Figure 14, Figure 15, Figure
16 and Figure 17 ; modified HSI accuracy in Table 33 ; added
Figure 44 ; modified fSCK, tV(SO) and tV(MO) in Table 42 ;
updated figures and tables of High speed internal RC oscillator
(HSI) ; replaced Figure 23, Figure 24, Figure 26, and Figure
39 .
Package characteristics: Updated Table 58: Thermal
characteristics(1) and removed Table 57: Junction temperature
range. Updated Figure 53: STM8S105xx access line ordering
information scheme.
Document status changed from “preliminary data” to
“datasheet”.
8
10-Jun-2009
Standardized name of the VFQFPN package.
Removed ‘wpu’ from I2C pins in Pinout and pin description
Added UFQFPN32 package silhouette to the title page.
9
21-Apr-2010
Features: added unique ID.
Clock controller: updated bit positions for TIM2 and TIM3.
Beeper: added information about availability of the beeper
output port through option bit AFR7.
Analog-to-digital converter (ADC1): added a note concerning
additional AIN12 analog input.
STM8S105 pinouts and pin description: added UFQFPN32
package details; updated default alternate function of
PB2/AIN2[TIM1_CH3N] pin in the "pin description for
STM8S105 microcontrollers" table.
125/127
DocID14771 Rev 9
Revision history
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com