Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACEW/R2 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
908E624
FUNCTIONAL DESCRIPTION
FUNCTIONAL TERMINAL DESCRIPTION
CURRENT SENSE OPERATIONAL AMPLIFIER
TERMINALS (E+, E-, OUT, VCC)
These are the terminals of the single-supply current sense
operational amplifier.
• The E+ and E- input terminals are the non-inverting and
inverting inputs of the current sense operational
amplifier, respectively.
• The OUT terminal is the output terminal of the current
sense operational amplifier.
• The VCC terminal is the +5.0 V single-supply
connection.
Note
If the operational amplifier is not used, it is possible
to connect all terminals (E+, E-, OUT and VCC) to GND - in
this case all of the four terminals must be grounded.
+5.0 V VOLTAGE REGULATOR OUTPUT
TERMINAL (VDD)
The VDD terminal is needed to place an external capacitor
to stabilize the regulated output voltage. The VDD terminal is
intended to supply the embedded microcontroller. The
terminal is protected against shorts to GND with an integrated
current limit (temperature shutdown could occur).
Important
The VDD, EVDD, VDDA, and VREFH terminals
must be connected together.
VOLTAGE REGULATOR AND CURRENT SENSE
AMPLIFIER GROUND TERMINAL (AGND)
The AGND terminal is the ground terminal of the voltage
regulator and the current sense operational amplifier.
Important
GND, AGND, VSS, EVSS, VSSA, and VREFL
terminals must be connected together.
NO CONNECT TERMINALS (NC)
The NC terminals are not connected internally.
Note
Each of the NC terminals can be left open or
connected to ground (recommended).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com