Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACEW/R2 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
908E624
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 15. LIN Interface
TXD Terminal
The TXD terminal is the MCU interface to control the state
of the LIN transmitter (see Figure 2, page 2). When TXD is
LOW, the LIN terminal is low (dominant state). When TXD is
HIGH, the LIN output MOSFET is turned off (recessive state).
The TXD terminal has an internal pullup current source in
order to set the LIN bus to recessive state in the event, for
instance, the microcontroller could not control it during
system power-up or power-down.
RXD Terminal
The RXD transceiver terminal is the MCU interface, which
reports the state of the LIN bus voltage. LIN HIGH (recessive
state) is reported by a high level on RXD, LIN LOW (dominant
state) by a low level on RXD.
STOP Mode and Wake-up Feature
During STOP mode operation the transmitter of the
physical layer is disabled. In case the bit LIN-PU was set in
the Stop mode sequence the internal pull-up resistor is
disconnected from VSUP and a small current source keeps
the LIN terminal in recessive state. The receiver is still active
and able to detect wake-up events on the LIN bus line.
A dominant level longer than TpropWL followed by an rising
edge will generate a wake-up interrupt and set the LINWF
flag in the SPI Status Register. Also see Figure 9, page 16.
SLEEP Mode and Wake-up Feature
During SLEEP mode operation the transmitter of the
physical layer is disabled. In case the bit LIN-PU was set in
the Sleep mode sequence the internal pull-up resistor is
disconnected from VSUP and a small current source keeps
the LIN terminal in recessive state. The receiver is still active
to be able to detect wake-up events on the LIN bus line.
A dominant level longer than TpropWL followed by an rising
edge will generate a system wake-up (reset) and set the
LINWF flag in the SPI Status Register. Also see Figure 8,
page 16).
Control
RXD
TXD
GND
VSUP1
Slope
Control
30k
2µA
LIN bus
LINSL2:1
MODE2:1
LINFAIL
LINWU
WakeUp
Filter
LIN-PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com