Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACEW/R2 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
908E624
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
All characteristics are for the analog chip only. Please refer to the 68HC908EY16 data sheet for characteristics of the
microcontroller chip. Characteristics noted under conditions 9.0 V ≤ VSUP ≤ 16 V, -40°C ≤ TJ ≤ 125°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
LIN PHYSICAL LAYER
Driver Characteristics for Normal Slew Rate (17), (18)
Dominant Propagation Delay TXD to LIN
tDOM-MIN
——
50
μs
Dominant Propagation Delay TXD to LIN
tDOM-MAX
——
50
μs
Recessive Propagation Delay TXD to LIN
tREC-MIN
——
50
μs
Recessive Propagation Delay TXD to LIN
tREC-MAX
——
50
μs
Propagation Delay Symmetry: tDOM-MIN - tREC-MAX
dt1
-10.44
—
—
μs
Propagation Delay Symmetry: tDOM-MAX - tREC-MIN
dt2
——
11
μs
Driver Characteristics for Slow Slew Rate (17), (19)
Dominant Propagation Delay TXD to LIN
tDOM-MIN
—
—
100
μs
Dominant Propagation Delay TXD to LIN
tDOM-MAX
—
—
100
μs
Recessive Propagation Delay TXD to LIN
tREC-MIN
—
—
100
μs
Recessive Propagation Delay TXD to LIN
tREC-MAX
—
—
100
μs
Propagation Delay Symmetry: tDOM-MIN - tREC-MAX
dt1s
-22
—
—
μs
Propagation Delay Symmetry: tDOM-MAX - tREC-MIN
dt2s
——
23
μs
Driver Characteristics for Fast Slew Rate
LIN High Slew Rate (Programming Mode)
SRFAST
—15
—
V/
μs
Receiver Characteristics and Wake-Up Timings
Receiver Dominant Propagation Delay (20)
tRL
—3.5
6.0
μs
Receiver Recessive Propagation Delay (20)
tRH
—3.5
6.0
μs
Receiver Propagation Delay Symmetry
tR-SYM
-2.0
—
2.0
μs
Bus Wake-Up Deglitcher
tPROPWL
35
—
150
μs
Bus Wake-Up Event Reported (21)
tWAKE
—20
—
μs
Notes
17.
VSUP from 7.0 V to 18 V, bus load R0 and C0 1.0 nF/1.0 kΩ, 6.8 nF/660 Ω, 10 nF/500 Ω. Measurement thresholds: 50% of TXD signal
to LIN signal threshold defined at each parameter.
18.
See Figure 6, page 15.
19.
See Figure 7, page 16.
20.
Measured between LIN signal threshold VIL or VIH and 50% of RXD signal.
21.
tWAKE is typically 2 internal clock cycles after LIN rising edge detected. See Figure 8 and Figure 9, page 16. In Sleep mode the VDD
rise time is strongly dependent upon the decoupling capacitor at VDD terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com