Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACEW/R2 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
908E624
TYPICAL APPLICATIONS
Figure 21. PCB Layout Recommendations
.
EVDD
1
2
4
3
5
6
7
8
9
11
10
12
13
14
15
16
18
17
19
20
21
22
23
25
24
26
27
54
53
51
52
50
49
48
47
46
44
45
43
42
41
40
39
37
38
36
35
34
33
32
30
31
29
28
EVSS
VDDA
VSSA
VREFL
VDD
GND
AGND
VSUP1
VSUP2
C4
VREFH
908E624
LIN
L1
D1
C5
LIN
VBAT
NC
Comment:
Terminal 32 NC - used for signal routing
Table 15. Component Value Recommendation
Component
Recommended Value(37)
Comments / Signal routing
D1
Reverse battery protection
C1
Bulk Capacitor
C2
100 nF, SMD Ceramic
Close (<5 mm) to VSUP1, VSUP2 terminals with good ground return
C3
100 nF, SMD Ceramic
Close (<3 mm) to digital supply terminals (EVDD, EVSS) with good
ground return.
The positive analog (VREFH, VDDA) and the digital (EVDD) supply
should be connected right at the C3.
C4
4.7
μF, SMD Ceramic or Low ESR
Bulk Capacitor
C5
180 pF, SMD Ceramic
Close (<5 mm) to LIN terminal.
Total Capacitance per LIN node has to be below 220 pF.
(Ctotal = CLIN-Terminal + C5 + CVaristor ~ 10 pF + 180 pF + 15 pF)
V1(38)
Varistor Type TDK AVR-M1608C270MBAAB
Optional (close to LIN connector)
L1(38)
SMD Ferrite Bead Type TDK MMZ2012Y202B
Optional, (close to LIN connector)
Notes
37.
Freescale does not assume liability, endorse, or want components from external manufactures that are referenced in circuit drawings
or tables. While Freescale offers component recommendations in this configuration, it is the customer’s responsibility to validate their
application.
38.
Components are recommended to improve EMC and ESD performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com