Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACEW/R2 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
908E624
TYPICAL APPLICATIONS
EMC/EMI RECOMMENDATIONS
This paragraph gives some device specific
recommendations to improve EMC/EMI performance.
Further generic design recommendations can be e.g. found
on the Freescale website www.freescale.com.
VSUP Terminals (VSUP1 and VSUP2)
Its recommended to place a high-quality ceramic
decoupling capacitor close to the VSUP terminals to improve
EMC/EMI behavior.
LIN Terminal
For DPI (Direct Power Injection) and ESD (Electro Static
Discharge) it is recommended to place a high-quality ceramic
decoupling capacitor near the LIN terminal. An additional
varistor will further increase the immunity against ESD. A
ferrite in the LIN line will suppress some of the noise induced.
Voltage Regulator Output Terminals (VDD and AGND)
Use a high-quality ceramic decoupling capacitor to
stabilize the regulated voltage.
MCU Digital Supply Terminals (EVDD and EVSS)
Fast signal transitions on MCU terminals place high, short-
duration current demands on the power supply. To prevent
noise problems, take special care to provide power supply
bypassing at the MCU. It is recommended that a high-quality
ceramic decoupling capacitor be placed between these
terminals.
MCU Analog Supply Terminals (VREFH, VDDA and
VREFL, VSSA)
To avoid noise on the analog supply terminals it is
important to take special care on the layout. The MCU digital
and analog supplies should be tied to the same potential via
separate traces and connected to the voltage regulator
output.
Figure 20 and Figure 21 show the recommendations on
schematics and layout level and Table 15 indicates
recommended external components and layout
considerations.
Figure 20. EMC/EMI recommendations
MM908E624
VREFL
VDDA
EVDD
VDD
EVSS
AGND
VSUP1
GND
VSUP
+
VREFH
VSSA
VSUP2
LIN
LIN
C1
C2
D1
C3
C4
C5
L1
V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com