Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACEW/R2 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 40Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
908E624
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 3.0)
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 3.0)
INTRODUCTION
This thermal addendum is provided as a supplement to the MM908E624
technical datasheet. The addendum provides thermal performance information
that may be critical in the design and development of system applications. All
electrical, application, and packaging information is provided in the datasheet.
Packaging and Thermal Considerations
The MM908E624 is a dual die package. There are two heat sources in the
package independently heating with P1 and P2. This results in two junction
temperatures, TJ1 and TJ2, and a thermal resistance matrix with RθJAmn.
For m, n = 1, RθJA11 is the thermal resistance from Junction 1 to the reference
temperature while only heat source 1 is heating with P1.
For m = 1, n = 2, RθJA12 is the thermal resistance from Junction 1 to the
reference temperature while heat source 2 is heating with P2. This applies to
RθJ21 and RθJ22, respectively.
The stated values are solely for a thermal performance comparison of one
package to another in a standardized environment. This methodology is not meant to and will not predict the performance of a
package in an application-specific environment. Stated values were obtained by measurement and simulation according to the
standards listed below
Standards
54-TERMINAL
SOICW
908E624
DWB SUFFIX
EW (Pb-FREE) SUFFIX
98ASA99294D
54-TERMINAL SOICW
Note
For package dimensions, refer to the
MM908E624 datasheet.
TJ1
TJ2
=
RθJA11
RθJA21
RθJA12
RθJA22
.
P1
P2
Table 16. Thermal Performance Comparison
Thermal
Resistance
1 = Power Chip, 2 = Logic Chip [
°C/W]
m = 1,
n = 1
m = 1, n = 2
m = 2, n = 1
m = 2,
n = 2
RθJAmn
(1)(2)
40
31
36
RθJBmn
(2)(3)
25
16
21
RθJAmn
(1)(4)
57
47
52
RθJCmn
(5)
21
12
16
Notes:
1.
Per JEDEC JESD51-2 at natural convection, still air
condition.
2.
2s2p thermal test board per JEDEC JESD51-7and
JESD51-5.
3.
Per JEDEC JESD51-8, with the board temperature on the
center trace near the power outputs.
4.
Single layer thermal test board per JEDEC JESD51-3 and
JESD51-5.
5.
Thermal resistance between the die junction and the
exposed pad, “infinite” heat sink attached to exposed pad.
54 Terminal SOIC
0.65 mm Pitch
17.9 mm x 7.5 mm Body



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com