Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACEW/R2 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
908E624
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. Test Circuit for Transient Test Pulses
Figure 5. Test Circuit for LIN Timing Measurements
Figure 6. LIN Timing Measurements for Normal Slew Rate
LIN, L1, and L2
10k
1nF
Transient Pulse
Generator
Note Waveform in accordance with ISO7637 Part 1, Test Pulses 1, 2, 3a, and 3b.
10 k
Ω
1.0 nF
R0
C0
VSUP
RXD
TXD
LIN
R0 and C0 combinations:
- 1k Ohm and 1nF
- 660 Ohm and 6.8nF
- 500 Ohm and 10nF
R0 and C0 Combinations:
• 1.0 k
Ω and 1.0 nF
• 600
Ω and 6.8 nF
• 500
Ω and 10 nF
VSUP
tDOM-MIN
tDOM-MAX
tRL
TXD
LIN
RXD
tRH
tREC-MIN
tREC-MAX
58.1% VSUP
40% VSUP
28.4% VSUP
42.2% VSUP
60% VSUP
74.4% VSUP
VLIN_REC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com