Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACEW/R2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
908E624
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CURRENT SENSE OPERATIONAL AMPLIFIER
Rail-to-Rail Input Voltage
VIMC
-0.1
—
VCC+0.1
V
Output Voltage Range
Output Current ±1.0 mA
Output Current ±5.0 mA
VOUT1
VOUT2
0.1
0.3
—
—
VCC-0.1
VCC-0.3
V
Input Bias Current
IB
——
250
nA
Input Offset Current
IO
-100
—
100
nA
Input Offset Voltage
VIO
-25
—
25
mV
L1 AND L2 INPUTS
Low Detection Threshold
5.5 V < VSUP < 6.0 V
6.0 V < VSUP < 18 V
18 V < VSUP < 27 V
VTHL
2.0
2.5
2.7
2.5
3.0
3.2
3.0
3.5
3.7
V
High Detection Threshold
5.5 V < VSUP < 6.0 V
6.0 V < VSUP < 18 V
18 V < VSUP < 27 V
VTHH
2.7
3.0
3.5
3.3
4.0
4.2
3.8
4.5
4.7
V
Hysteresis
5.5 V < VSUP < 27 V
VHYS
0.5
—
1.3
V
Input Current
-0.2 V < VIN < 40 V
IIN
-10
—
10
μA
Table 3. Static Electrical Characteristics (continued)
All characteristics are for the analog chip only. Refer to the 68HC908EY16 data sheet for characteristics of the microcontroller
chip. Characteristics noted under conditions 9.0 V ≤ VSUP ≤ 16 V, -40°C ≤ TJ ≤ 125°C unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com