Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACEW/R2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MM908E624ACEW/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
908E624
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding limits on any terminal may cause permanent
damage to the device.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Supply Voltage
Analog Chip Supply Voltage under Normal Operation (Steady-State)
Analog Chip Supply Voltage under Transient Conditions
MCU Chip Supply Voltage
VSUP(SS)
VSUP(PK)
VDD
-0.3 to 27
-0.3 to 40
-0.3 to 5.5
V
Input Terminal Voltage
Analog Chip
Microcontroller Chip
VIN(ANALOG)
VIN(MCU)
-0.3 to VDD+0.3
VSS-0.3 to VDD+0.3
V
Maximum Microcontroller Current per Terminal
All Terminals except VDD, VSS, PTA0:PTA6, PTC0:PTC1
PTA0:PTA6, PTC0:PTC1 Terminals
IPIN(1)
IPIN(2)
±15
±25
mA
Maximum Microcontroller VSS Output Current
IMVSS
100
mA
Maximum Microcontroller VDD Input Current
IMVDD
100
mA
Current Sense Operational Amplifier
Maximum Input Voltage, +E, -E Terminals
Maximum Input Current, +E, -E Terminals
Maximum Output Voltage, OUT Terminal
Maximum Output Current, OUT Terminal
V+E-E
I+E-E
VOUT
IOUT
-0.3 to 7.0
±20
-0.3 to VCC+0.3
±20
V
mA
V
mA
LIN Supply Voltage
Normal Operation (Steady-State)
Transient Input Voltage (per ISO7637 Specification) and with
External Components (Figure 4, page 15)
VBUS(SS)
VBUS(PK)
-18 to 40
-150 to 100
V
L1 and L2 Terminal Voltage
Normal Operation with a 33 k
Ω resistor (Steady-State)
Transient Input Voltage (per ISO7637 Specification) and with
External Components (Figure 4, page 15)
VWAKE(SS)
VWAKE(PK)
-18 to 40
-100 to 100
V
ESD Voltage
Human Body Model (1)
Machine Model (1)
Charge Device Model (1)
VESD1
VESD2
VESD3
±2000
±100
±500
V
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), the Machine Model (CZAP =
200 pF, RZAP = 0 Ω), and the Charge Device Model, Robotic (CZAP = 4.0 pF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com