Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACEW/R2 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
908E624
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
INTERRUPTS
In Normal (Run) mode the 908E624 has four different
interrupt sources. An interrupt pulse on the IRQ_A terminal is
generated to report a fault to the MCU. All interrupts are not
maskable and cannot be disabled.
After an Interrupt the INTSRC bit in the SPI Status register
is set, indicating the source of the event. This interrupt source
information is only transferred once, and the INTSRC bit is
cleared automatically.
Low-Voltage Interrupt
Low-voltage interrupt (LVI) is related to external supply
voltage VSUP1. If this voltage falls below the LVI threshold,
it will set the LVF bit in the SPI Status register and an interrupt
will be initiated. The LVF bit remains set as long as the Low-
voltage condition is present.
During Sleep and Stop mode the low-voltage interrupt
circuitry is disabled.
High-Voltage Interrupt
High-voltage interrupt (HVI) is related to external supply
voltage VSUP1. If this voltage rises above the HVI threshold,
it will set the HVF bit in the SPI Status register and an
interrupt will be initiated. The HVF bit remains set as long as
the high-voltage condition is present.
During Sleep and Stop mode the high-voltage interrupt
circuitry is disabled.
Wake-Up Interrupts
In Stop mode the IRQ_A terminal reports wake-up events
on the L1, L2, or the LIN bus to the MCU. All wake-up
interrupts are not maskable and cannot be disabled.
After a wake-up interrupt, the INTSRC bit in the Serial
Peripheral Interface (SPI) Status register is set, indicating the
source of the event. This wake-up source information is only
transferred once, and the INTSRC bit is cleared
automatically.
Figure 12, page 23, describes the Stop/Wake-Up
procedure.
Voltage Regulator Temperature Prewarning (VDDT)
Voltage regulator temperature prewarning (VDDT) is
generated if the voltage regulator temperature is above the
TPRE threshold. It will set the VDDT bit in the SPI Status
register and an interrupt will be initiated. The VDDT bit
remains set as long as the error condition is present.
During Sleep and Stop mode the voltage regulator
temperature prewarning circuitry is disabled.
High Side Switch Thermal Shutdown (HSST)
The high side switch thermal shutdown HSST is generated
if one of the high side switches HS1:HS3 is above the HSST
threshold, it will shutdown all high side switches, set the
HSST flag in the SPI Status register and an interrupt will be
initiated. The HSST bit remains set as long as the error
condition is present.
During Sleep and Stop mode the high side switch thermal
shutdown circuitry is disabled.
Table 6. Operating Modes Overview
Device
Mode
Voltage Regulator
Wake-Up
Capabilities
RST_A
Output
Watchdog
Function
HS1, HS2,
and HS3
LIN Interface
Sense
Amplifier
Reset
VDD ON
N/A
LOW
Disabled
Disabled
Recessive only
Not active
Normal
Request
VDD ON
N/A
HIGH
150 ms time out if
WD enabled
Enabled
Transmit and
receive
Not active
Normal
(Run)
VDD ON
N/A
HIGH
Window WD if
enabled
Enabled
Transmit and
receive
Active
Stop
VDD ON with limited
current capability
LIN wake-up,
L1, L2 state change,
SS
rising edge
HIGH
Disabled
Disabled
Recessive state with
wake-up capability
Not active
Sleep
VDD OFF
LIN wake-up
L1, L2 state change
LOW
Disabled
Disabled
Recessive state with
wake-up capability
Not active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com